Part Number Hot Search : 
A11JVAA PV150 2195QA BR1510L BD335 BGF106 AN204 02229
Product Description
Full Text Search
 

To Download PMIH14800001113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product description features applications performance specification ns pmih series specification unit operating wavelength 1480 30 / 1440 30 nm insertion loss < 0.6 db isolation > 18 db extinction ratio (room temperature) > 20 db return loss > 50 db directivity > 50 db direction of incident polarization slow axis maximun power handling < 500 mw fiber type input ports (1 & 2) 400m / 250m panda fber output port (common) corning smf-28, 250m bare fber operating temperature 0 +70 c storage temperature -40 +85 c package dimension p1 : (?) 5.50.2 x (l) 34.01 mm notes [1] values are referenced without connector loss [2] er is 3db lower if connector added 34.0 mm port2 panda fibe r port1 panda fibe r 3 1 ? 5.5 mm comm smf-28 2 s0162 - r02. 20111108 polarization maintaining beam combiner and isolator hybrid pmih series oplinks polarization maintaining beam combiner and isolator hybrid deliv - ers the combined functionality of a pmbc and an isolator within a single, compact-sized package. oplinks integrated solution is designed to work as pump combiner for edfa and raman amplifcations and features very high power handling and low insertion loss. oplinks patented packaging tech - nology ensures the highest quality and reliability for robust operation. oplink can provide customized designs to meet specialized feature applica - tions. also, oplink ofers modular assemblies that integrate other compo - nents to form a full function module or subsystem. ? low insertion loss ? high stability & reliability ? epoxy-free optical path ? compact package size ? edfa & raman amplifers ? highly integrated modules ? laboratory r&d
46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com product lines: ? mux/demux ? switching/routing ? coupling/splitting ? monitoring/conditioning ? amplifcation ? transmission ? interconnect ? rgb laser modules pmih ordering information oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks oem design team or account manager for your requirements and ordering information (510) 933-7200. 0 0 0 0 4 1 fiber type port 1/2 : 400m panda fiber = 1 port 1/2 : 250m panda fiber = 2 wavelength fiber length* fiber jacket 1480nm = 1480 1440nm = 1440 0.5 meter = h 1.0 meter = 1 1.5 meters = 5 bare fber = 1 900m loose tube = 2 connector type none = 1 fc/pc = 2 fc/spc = 3 fc/apc = 4 sc/pc = 5 sc/spc = 6 sc/apc = 7 polarization maintaining beam combiner and isolator hybrid pmih series s0162 - r02. 20111108 * 1 meter is standard. the lead-time for special fber length will be longer.


▲Up To Search▲   

 
Price & Availability of PMIH14800001113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X